Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0201G Datasheet(PDF) 5 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0201G
Description  Surface Mount Polymeric ESD Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0201G Datasheet(HTML) 5 Page - TECH PUBLIC Electronics co LTD

  TPESD0201G Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PROTECTION PRODUCTS
Typical charateristics
5
HDMI Mask at 3.4 Gbps
USB3.0 Mask at 5.0 Gbps
The
is designed for the protection of one bidirectional data line from ESD damage.
Place the
as close to the input terminal or connector as possible
.
Minimize the path length between the
and the protected signal line.
Use ground planes whenever possible.
TPESD0201G
TPESD0201G
TPESD0201G
TPESD0201G Series
ESD Protection for Signal Line
TPESD0201G Seires
WWW.SOT23.COM.TW
Surface Mount Polymeric ESD Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com