Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0201G Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0201G
Description  Surface Mount Polymeric ESD Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0201G Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPESD0201G Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPESD0201G Seires
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
7”
TPESD0201G Series
15000
1
1
WWW.SOT23.COM.TW
Dimensions and Pin Configuration
Ultra-Low capacitance:0.05pF(typ.)
Low leakage current(<10nA)
Fast response time(<1ns)
Bi-directional,single line protection
IEC 61000-4-2 (ESD Air): 15kV
IEC 61000-4-2 (ESD Contact): 8kV
USB 3.0/3.1
HDMI 1.3/1.4/2.0
RF Antenna
SATA and eSATA Interface
Surface Mount Polymeric ESD Suppressor
Smart Phone/Mobile Internet Device
Laptop/Desktop Computer
Bi-directional, single line protection
Antennas (Cell Phones, GPS…)
High Speed Ethernet
USB 3.0 and USB 3.1


Similar Part No. - TPESD0201G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0201H09V TECHPUBLIC-TPESD0201H09V Datasheet
2Mb / 5P
1-Line Bi-directional ESD Protection Diode
TPESD0201H12V TECHPUBLIC-TPESD0201H12V Datasheet
2Mb / 5P
1-Line Bi-directional ESD Protection Diode
TPESD0201H14V TECHPUBLIC-TPESD0201H14V Datasheet
2Mb / 5P
1-Line Bi-directional ESD Protection Diode
TPESD0201H18V TECHPUBLIC-TPESD0201H18V Datasheet
2Mb / 5P
1-Line Bi-directional ESD Protection Diode
TPESD0201H24V TECHPUBLIC-TPESD0201H24V Datasheet
2Mb / 5P
1-Line Bi-directional ESD Protection Diode
More results

Similar Description - TPESD0201G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD0201MV05 LEIDITECH-PESD0201MV05 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
PESD0402AV05 LEIDITECH-PESD0402AV05 Datasheet
1Mb / 7P
Surface Mount Polymeric ESD Suppressor
PESD0542U015 LEIDITECH-PESD0542U015 Datasheet
1Mb / 7P
Surface Mount Polymeric ESD Suppressor
PESD1242U005 LEIDITECH-PESD1242U005 Datasheet
793Kb / 5P
Surface Mount Polymeric ESD Suppressor
PESD2510AV12 LEIDITECH-PESD2510AV12 Datasheet
1Mb / 8P
Surface Mount Polymeric ESD Suppressor
logo
TECH PUBLIC Electronics...
LXES15AAA1-153 TECHPUBLIC-LXES15AAA1-153 Datasheet
1Mb / 4P
Surface Mount Polymeric ESD Suppressor
logo
UN Semiconducctor INC
PESD0201E UNSEMI-PESD0201E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD0402E UNSEMI-PESD0402E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD0603E UNSEMI-PESD0603E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
PESD2510E UNSEMI-PESD2510E Datasheet
4Mb / 7P
Surface Mount Polymeric ESD Suppressor
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com