Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1005G100CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RH1005G100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH1005G100CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RH1005G100CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Descripition
Working Voltage(Max)
Power Derating Curve
Rated Voltage
Resistance range
√
Overload Voltage(Max)
50V
100V
200V
200V
200V
100V
200V
400V
400V
400V
RC2012
Power Rating (W)
at 70
℃
0.10W
RC3216
0.125W
0.25W
RC3225
0.25W
RC5025
0.5W
RC6432
1W
F(±1%)
G(±2%)
J(±5%)
K(±10%)
0.2Ω~ 0.91Ω(E24 Series)
-55℃
~ 125℃
70℃
Operating
temperature range
Rated
Ambient Temperature
100
80
60
40
40
-40
-20
0
20
40
80
100
120 125 140
0
SPECIFICATION IN THE LOW RESISTANCE RANGE
POWER Derating Curve
6
The rated power is the maximum continuous loading power
at 70
℃ambient temperature.
For ambient temperature’s above 70
℃the loading power
follows the above power derating curve.
Rated power(w)
×Normal resistance value (W)
(UNIT :
Ω)
Temperature
Coefficient
Resistance Range
Resistance
Tolerance
0.2
Ω≤R≤1Ω
Temperature Coefficient
±200 PPM/℃
0.2
Ω≤R≤1Ω±200PPM/℃
0.2
Ω≤R≤1Ω±(600/300)PPM/℃
0.2
Ω≤R≤1Ω±(600/300)PPM/℃
F(
±1%)
G(
±2%)
J(
±5%)
K(
±10%)
Please specify wattage when power rathing at the mark(
) is required at the time of ordering.
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com