Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1005G100CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RH1005G100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH1005G100CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RH1005G100CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8
GENERAL SPECIFICATION
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
Code
Designation
PACKAGING
The Chip Network Resistors can be supplied with packaged carrier tape for effective use in SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Resistor for Bulk shall be in the polyethylene bag and Quantity of the
Chip Resistors in bag is determined by customer orders.(Standard Quantity : 5,000EA)
RATING
Type
Power
Rating
Working
Voltage
(MAX)
Over Ioad
Voltage
(MAX)
Resistance
Range
Operting
Temperature
Range
Rating
Ambient
Temperature
Temperature
Coefficient
RT1608
1/16 W
50 V
100 V
1~10
㏁
RT2012
1/10W
100 V
200 V
1~10
㏁
RT3216
1/8W
200 V
400 V
1~10
㏁
1/4W
200 V
400 V
1~10
㏁
-55
℃
~ +125
℃
+70
。
C
±200ppm/ 。
C
±300ppm/ 。
C
7 inch reel
5,000/1 reel
13 inch reel
20,000/1 reel
RT:DIP Type(Major)
RT
Code
Designation
Trimmable
Chip
Resistor
Code
Designation
2012
Dimension
(mm)
1608:1.6
×0.8
2012:2.0
×1.25
3216:3.2
×1.6
Code
Designation
M
Resistance
Tolerance
K=
±10%
Code
Designation
100
Resistance
Value
E12 Series
E6 Series
(IEC Coding system)
Code
Designation
CS
Packaging
Code
CS : Tape
Packaging
GS : Bulk
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com