Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1005G100CS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RH1005G100CS
Description  THICK FILM CHIP RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RH1005G100CS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RH1005G100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RH1005G100CS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
11
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
7 inch reel
5,000EA/1 reel
PARTS NUMBERING SYSTEM
Code
Designation
Chip Network
Resistor
Dimension
(mm)
Number
of Resistors
4p : 4 Resistors
Resistance
Tolerance
G :
±2%
J :
±5%
K :
±10%
Resistance
Value
E24 Series
(IEC Coding system)
Packaging
Code
PACKAGING
The Chip Network Resistors can be supplied packaged carrier tape for effective use SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Network Resistor for Bulk shall be in the plastic case and Quantity of the Chip Resistors in bag is
determined by customer orders.(Standard Quantity : 5,000EA)
RATING
Type
Power
Rating
Working
Voltage
(MAX)
OverIoad
Voltage
(MAX)
Resistance
Range
Operting
Tempe rature
Range
Rating
Ambient
Temperature
Temperature
Coefficient
RP104P
1/16W
50V
100V
10~1M
-55 ~ 125
。
C
+70
。
C
±250 PPM/。
C
RP164P
1/16W
50V
100V
10~1M
-55 ~ 125
。
C
+70
。
C
±250 PPM/。
C
RN164P
1/16W
50V
100V
10~1M
-55 ~ 125
。
C
+70
。
C
±250 PPM/。
C
10 inch reel
10,000EA/1 reel
13 inch reel
20,000EA/1 reel(15,000EA/1reel)
RP/RN
16/10
J
103
CS
4P
16:1608 Type
10:1005 Type
CS/AS/ES :
Tape
Packaging
GS : Bulk
Packaging
RP, RR : Dip Type(Convex Type)
RN : Through Hole Type(Concave Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com