Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75602-ESD Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 35Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 36Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 37Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 38Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 39Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 40Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 41Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 42Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Datasheet
39
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Power Stages
Turn-ON delay
(from INn pin or bit to VOUT=
90% VS)
(Low-Side channels and
auto-configurable channels
used as Low-Side switches)
tDELAY(ON)
14
8µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.28
Turn-OFF delay
(from INn pin or bit to VOUT=
10% VS)
(Low-Side channels and
auto-configurable channels
used as Low-Side switches)
tDELAY(OFF)
16
12
µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.29
Turn-ON time
(from INn pin or bit to VOUT=
10% VS)
(Low-Side channels and
auto-configurable channel
used as Low-Side switches)
tON
615
35
µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.30
Turn-OFF time
(from INn pin or bit to VOUT=
90% VS)
(Low-Side channels and
auto-configurable channel
used as Low-Side switches)
tOFF
615
35
µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.31
Turn-ON/OFF matching
(Low-Side channels and
auto-configurable channel
used as Low-Side switches)
tON - tOFF
-10
0
10
µs
RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.32
Turn-ON slew rate
VDS = 70% to 30% VS
(Low-Side channels and
auto-configurable channel
used as Low-Side switches)
dV/dtON
0.7
1.3
1.9
V/µs RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.33
Turn-OFF slew rate
VDS = 30% to 70% VS
(Low-Side channels and
auto-configurable channels
used as Low-Side switches)
-dV/dtOFF
0.7
1.3
1.9
V/µs RL = 50 Ω
VS= 13.5 V
Active mode or
Limp Home mode
P_7.6.34
Table 9
Electrical Characteristics: Power Stage (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com