Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75602-ESD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE75602-ESD Datasheet HTML 1Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 2Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 3Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 4Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 5Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 6Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 7Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Datasheet
2
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Overview
Basic Features
• 16-bit serial peripheral interface for control and diagnosis
• Daisy Chain capability SPI also compatible with 8-bit SPI devices
• 2 CMOS compatible parallel input pins with Input Mapping functionality
• Cranking capability down to VS = 3.0 V (supports LV124)
• Digital supply voltage range compatible with 3.3V and 5V microcontrollers
• Very low quiescent current (with usage of IDLE pin)
• Limp Home mode (with usage of IDLE and IN pins)
• Green Product (RoHS compliant)
• AEC Qualified
Protection Features
• Reverse battery protection on VS without external components
• Short circuit to ground and battery protection
• Stable behavior at under voltage conditions (“Lower Supply Voltage Range for Extended Operation”)
• Over Current latch OFF
• Thermal shutdown latch OFF
• Overvoltage protection
• Loss of ground protection
• Loss of battery protection
• Electrostatic discharge (ESD) protection
Diagnostic Features
• Latched diagnostic information via SPI register
• Over Load detection at ON state
• Open Load detection at OFF state using Output Status Monitor function
• Output Status Monitor
• Input Status Monitor
Application Specific Features
• Fail-safe activation via Input pins in Limp-Home Mode
• SPI with Daisy Chain capability
• Safe operation at low battery voltage (cranking)
Description
The TLE75602-ESD is an eight channel low-side and high-side power switch in PG-TSDSO-24-21 package
providing embedded protective functions. It is specially designed to control relays and LEDs in automotive
and industrial applications.
A serial peripheral interface (SPI) is utilized for control and diagnosis of the loads as well as of the device. For
direct control and PWM there are two input pins available connected to two outputs by default. Additional or
different outputs can be controlled by the same input pins (programmable via SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com