Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75602-ESD Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 17Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 18Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 19Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 20Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Datasheet
21
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Power Supply
6.1
Operation Modes
TLE75602-ESD has the following operation modes:
•Sleep mode
• Idle mode
•Active mode
• Limp Home mode
The transition between operation modes is determined according to following levels and states:
• logic level at IDLE pin
• logic level at INn pins
• OUT.OUTn bits state
• HWCR.ACT bit state
The state diagram including the possible transitions is shown in Figure 13. The behaviour of TLE75602-ESD as
well as some parameters may change in dependence from the operation mode of the device. Furthermore,
due to the undervoltage detection circuitry which monitors VS and VDD supply voltages, some changes within
the same operation mode can be seen accordingly.
The operation mode of the TLE75602-ESD can be observed by:
• status of output channels
• status of SPI registers
• current consumption at VDD pin (IVDD)
• current consumption at VS pin (IVS)
The default operation mode to switch ON the loads is Active mode. If the device is not in Active mode and a
request to switch ON one or more outputs comes (via SPI or via Input pins), it will switch into Active or Limp
Home mode, according to IDLE pin status. Due to the time needed for such transitions, output turn-on time
tON will be extended due to the mode transition latency.
Figure 13 Operation Mode state diagram
OpModes.emf
Sleep
Idle
IDLE = „high“
IDLE = „low“
Active
INn = „high“
& IDLE = „low“
IDLE = „high“
Limp Home
HWCR.ACT = 1
or OUT.OUTn = 1
or INn = „high“
HWCR.ACT = 0
& OUT.OUTn = 0
& INn = „low“
IDLE = „low“
& INn = „high“
INn = „low“
init
IDLE = „low“
& INn = „low“
INn = „low“
& VDD < VDD(UV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com