Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M263 Datasheet(PDF) 53 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 53 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 49Page - Nuvoton Technology Corporation M263 Datasheet HTML 50Page - Nuvoton Technology Corporation M263 Datasheet HTML 51Page - Nuvoton Technology Corporation M263 Datasheet HTML 52Page - Nuvoton Technology Corporation M263 Datasheet HTML 53Page - Nuvoton Technology Corporation M263 Datasheet HTML 54Page - Nuvoton Technology Corporation M263 Datasheet HTML 55Page - Nuvoton Technology Corporation M263 Datasheet HTML 56Page - Nuvoton Technology Corporation M263 Datasheet HTML 57Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 53 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
digital circuit.
77 PG.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD0
I/O
MFP2
EBI address/data bus bit 0.
BPWM0_CH5
I/O
MFP12
BPWM0 channel 5 output/capture input.
78 PG.10
I/O
MFP0
General purpose digital I/O pin.
EBI_AD1
I/O
MFP2
EBI address/data bus bit 1.
BPWM0_CH4
I/O
MFP12
BPWM0 channel 4 output/capture input.
79 PG.11
I/O
MFP0
General purpose digital I/O pin.
EBI_AD2
I/O
MFP2
EBI address/data bus bit 2.
BPWM0_CH3
I/O
MFP12
BPWM0 channel 3 output/capture input.
80 PG.12
I/O
MFP0
General purpose digital I/O pin.
EBI_AD3
I/O
MFP2
EBI address/data bus bit 3.
BPWM0_CH2
I/O
MFP12
BPWM0 channel 2 output/capture input.
81 PG.13
I/O
MFP0
General purpose digital I/O pin.
EBI_AD4
I/O
MFP2
EBI address/data bus bit 4.
BPWM0_CH1
I/O
MFP12
BPWM0 channel 1 output/capture input.
82 PG.14
I/O
MFP0
General purpose digital I/O pin.
EBI_AD5
I/O
MFP2
EBI address/data bus bit 5.
BPWM0_CH0
I/O
MFP12
BPWM0 channel 0 output/capture input.
83 PG.15
I/O
MFP0
General purpose digital I/O pin.
CLKO
O
MFP14
Clock Out
EADC0_ST
I
MFP15
EADC0 external trigger input.
84 PD.7
I/O
MFP0
General purpose digital I/O pin.
UART1_TXD
O
MFP3
UART1 data transmitter output pin.
I2C0_SCL
I/O
MFP4
I
2C0 clock pin.
SPI1_MISO
I/O
MFP5
SPI1 MISO (Master In, Slave Out) pin.
USCI1_CLK
I/O
MFP6
USCI1 clock pin.
SC1_PWR
O
MFP8
Smart Card 1 power pin.
85 PD.6
I/O
MFP0
General purpose digital I/O pin.
UART1_RXD
I
MFP3
UART1 data receiver input pin.
I2C0_SDA
I/O
MFP4
I
2C0 data input/output pin.
SPI1_MOSI
I/O
MFP5
SPI1 MOSI (Master Out, Slave In) pin.
USCI1_DAT1
I/O
MFP6
USCI1 data 1 pin.
SC1_RST
O
MFP8
Smart Card 1 reset pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com