Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M263 Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 9Page - Nuvoton Technology Corporation M263 Datasheet HTML 10Page - Nuvoton Technology Corporation M263 Datasheet HTML 11Page - Nuvoton Technology Corporation M263 Datasheet HTML 12Page - Nuvoton Technology Corporation M263 Datasheet HTML 13Page - Nuvoton Technology Corporation M263 Datasheet HTML 14Page - Nuvoton Technology Corporation M263 Datasheet HTML 15Page - Nuvoton Technology Corporation M263 Datasheet HTML 16Page - Nuvoton Technology Corporation M263 Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 13 of 398
Rev 1.02
2
FEATURES
Core And System
Arm
®
Cortex
® -M23
 Arm
® Cortex® -M23 processor, running up to 64 MHz
 64 MHz at 1.8V-3.6V; 48MHz at 1.7V-3.6V
Built-in PMSAv8 Memory Protection Unit (MPU)
 Built-in Nested Vectored Interrupt Controller (NVIC)
 Built-in Embedded Trace Macrocell (ETM)
 32-bit Single-cycle hardware multiplier and 32-bit 17-cycle hardware
divider
 24-bit system tick timer
 Supports Programmble and maskable interrupt
 Supports Low Power Sleep mode by WFI and WFE instructions
Supports single cycle I/O access
Brown-out Detector (BOD)
 Eight-level BOD with brown-out interrupt and reset option
(3.0V/2.8V/2.6V/2.4V/2.2V/2.0V/1.8V/1.6V)
Low Voltage Reset (LVR)
 LVR with 1.5V threshold voltage level
Power Manager
 Dual voltage regulator is available for DC-DC converter or LDO
 Supports 1.2V and 0.9V core voltage
 Supports Power-down mode
 Supports Standby Power-down mode
 Supports Low Leakage Power-down mode
 Supports Ultra-low Leakage Power-down mode
 Supports Fast Wake-up Power-down mode
 Supports Deep Power-down mode
Security
 96-bit Unique ID (UID)
 128-bit Unique Customer ID (UCID)
 One built-in temperature sensor with 1℃ resolution
Memories
Boot Loader
 Factory pre-loaded 32 KB mask ROM for trusted boot.
Flash
 Dual bank 512 KB on-chip Application ROM (APROM) for Over-
The-Air (OTA) upgrade
 64 MHz maximum frequency, with performance at zero wait cycle in
continuous address read access
 4 KB on-chip Flash for user-defined loader (LDROM)
 4 KB non-readble Key Protection ROM (KPROM) for firmware
programming protection
 Excute Only Memory (XOM) for intelectual property protection
 All on-chip Flash support 2 KB page erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com