Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M263 Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 17Page - Nuvoton Technology Corporation M263 Datasheet HTML 18Page - Nuvoton Technology Corporation M263 Datasheet HTML 19Page - Nuvoton Technology Corporation M263 Datasheet HTML 20Page - Nuvoton Technology Corporation M263 Datasheet HTML 21Page - Nuvoton Technology Corporation M263 Datasheet HTML 22Page - Nuvoton Technology Corporation M263 Datasheet HTML 23Page - Nuvoton Technology Corporation M263 Datasheet HTML 24Page - Nuvoton Technology Corporation M263 Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 21 of 398
Rev 1.02
 Supports LCD interface i80 mode
 PDMA operation
GPIO
 Supports four I/O modes: Quasi bi-direction, Push-Pull output,
Open-Drain output and Input only with high impendence mode
 Selectable TTL/Schmitt trigger input
 Configured as interrupt source with edge/level trigger setting
 Supports independent pull-up/pull-down control
 Supports high driver and high sink current I/O
 Supports software selectable slew rate control
 Supports 5V-tolerance function except analog I/O. (Except PA.8 ~
15; PB.0 ~ 15; PD.10 ~ 12; PF.2 ~ 5; nReset.)
 Improve access efficiency by using single cycle I/O bus
Control Interfaces
Quadrature Encoder Interface
(QEI)
 Two QEI phase inputs (QEI_A, QEI_B) and one Index input
(QEI_INDEX)
 Supports 2/4 times free-counting mode and 2/4 compare-counting
mode
 Supports encoder pulse width measurement mode with ECAP
Enhanced Capture (ECAP)
 Input Capture Timer/Counter
 Supports three input channels with independent capture counter
hold register
 24-bit Input Capture up-counting timer/counter supports captured
events reset and/or reload capture counter
 Supports rising edge, falling edge and both edge detector options
with noise filter in front of input ports
 Supports compare-match function
Advanced Connectivity
USB 2.0 Full Speed with on-chip
transceiver
USB 2.0 Full Speed OTG (On-The-Go)
 On-chip USB 2.0 full speed OTG transceiver
 Compliant with USB OTG Supplement 2.0
 Configurable as host-only, device-only or ID-dependent
USB 1.1 Host Controller
 Compliant with USB Revision 1.1 Specification
 Compatible with OHCI (Open Host Controller Interface) Revision 1.0
 Supports full-speed (12Mbps) and low-speed (1.5Mbps) USB
devices
 Supports Control, Bulk, Interrupt, Isochronous and Split transfers
 Integrated a port routing logic to route full/low speed device to OHCI
controller
 Supports an integrated Root Hub
 Supports port power control and port over current detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com