Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 2 Page - NEC

Part # UPC1676P
Description  GENERAL PURPOSE WIDE BNAD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 2 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC UPC1676P Datasheet HTML 6Page - NEC UPC1676P Datasheet HTML 7Page - NEC UPC1676P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
µµµµPC1676G
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
VCC-Supply Voltage-V
12
3
4
5
6
0
10
5
15
20
25
CIRCUIT CURRENT vs. OPERATING
TEMPERATURE
Topt-Operating Temperature-
°C
−50
0
50
100
0
10
20
30
INSERTION POWER GAIN vs. FREQUENCY
NOISE FIGURE AND INSERTION POWER
GAIN vs. FREQUENCY
f-Frequency-MHz
60
100
200
500
1000
2000
0
20
10
30
f-Frequency-MHz
60
100
200
500
1000
2000
0
20
10
30
0
5
10
VCC = 5.5 V
VCC = 5.5 V
5.0 V
5.0 V
TA =
−40 °C
+25
°C
+85
°C
GP
NF
4.5 V
4.5 V
INPUT AND OUTPUT RETURN LOSS vs.
FREQUENCY
f-Frequency-MHz
60
100
200
500
1000
2000
−30
−20
−10
0
REVERSE INSERTION GAIN vs. FREQUENCY
f-Frequency-MHz
60
100
200
500
1000
2000
−30
−20
−10
0
VCC = 5 V
VCC = 5 V
VCC = 5 V
RLin
RLout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com