Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 1 Page - NEC

Part # UPC1676P
Description  GENERAL PURPOSE WIDE BNAD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 1 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC UPC1676P Datasheet HTML 6Page - NEC UPC1676P Datasheet HTML 7Page - NEC UPC1676P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1676G
GENERAL PURPOSE WIDE BNAD AMPLIFIER
DATA SHEET
Document No. P12447EJ2V0DS00 (2nd edition)
(Previous No. IC-1891)
Date Published March 1997 N
Printed in Japan
1989
©
DESCRIPTION
The
µPC1676G is a silicon monolithic integrated circuit employing small package (4pins mini mold) and designed
for use as a wide band amplifier covers from HF band to UHF band.
FEATURES
• Excellent frequency response : 1.2 GHz TYP.
@ 3 dB down below flat gain.
• High power gain : 22 dB TYP. @ f = 0.5 GHz.
• High isolation.
• Super small package.
• Uni- and low voltage operation : VCC = 5 V
• Input and output matching 50
Ω.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Supply Voltage
VCC
6V
Total Power Dissipation
PT
200
mW
Operating Temperature
Topt
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C, VCC = 5 V)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current
ICC
14
19
24
mA
No Signal
Power Gain
GP
19
22
24
dB
f = 0.5 GHz
Noise Figure
NF
4.5
6.0
dB
f = 0.5 GHz
Upper Limit Operating Frequency
fu
1.0
1.2
GHz
3 dB down below flat gain
Isolation
ISL
24
28
dB
f = 0.5 GHz
Input Return Loss
RLin
9
12
dB
f = 0.5 GHz
Output Return Loss
RLout
6
9
dB
f = 0.5 GHz
Maximum Output Level
PO
3
5
dBm
f = 0.5 GHz, Pin = 0 dBm
NEC cannot assume any responsibility for any circuits shown or represent that
they are free from patent infringement.


Similar Part No. - UPC1676P

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1676P NEC-UPC1676P Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
UPC1676PCHIP NEC-UPC1676PCHIP Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
More results

Similar Description - UPC1676P

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1675G NEC-UPC1675G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
UPC1676G NEC-UPC1676G Datasheet
42Kb / 8P
GENERAL PURPOSE WIDE BNAD AMPLIFIER
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com