Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1676P Datasheet(PDF) 3 Page - NEC

Part # UPC1676P
Description  GENERAL PURPOSE WIDE BNAD AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1676P Datasheet(HTML) 3 Page - NEC

  UPC1676P Datasheet HTML 1Page - NEC UPC1676P Datasheet HTML 2Page - NEC UPC1676P Datasheet HTML 3Page - NEC UPC1676P Datasheet HTML 4Page - NEC UPC1676P Datasheet HTML 5Page - NEC UPC1676P Datasheet HTML 6Page - NEC UPC1676P Datasheet HTML 7Page - NEC UPC1676P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
µµµµPC1676G
OUTPUT POWER vs. INPUT POWER
Pin-Input Power-dBm
−20
−10
0
−30
−20
−10
0
10
THIRD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Pout-Output Power of Each Tone-dBm
0
−20
−10
−50
−40
−30
−20
−10
VCC = 5 V
f = 500 MHz
f1 = 500 MHz
f2 = 504 MHz
5.5 V
5.0 V
4.5 V
S-PARAMETER
VCC = 5 V, ZO = 50
f (MHz)
S11∠ S11
S21∠ S21
S12∠ S12
S22∠ S22
100
200
400
600
800
1000
1200
1400
1600
0.072
0.093
0.175
0.355
0.485
0.387
0.298
0.243
0.208
−26.5
−63.5
−120.4
−176.4
118.7
77.5
59.2
50.5
47.1
8.955
9.327
11.021
14.504
14.530
9.478
6.301
4.562
3.506
−15.3
−31.3
−66.2
−114.3
177.1
123.1
85.6
53.8
24.5
0.034
0.035
0.038
0.042
0.037
0.044
0.057
0.070
0.083
−2.0
−3.4
−8.4
−18.4
−25.7
−20.5
−28.3
−41.5
−56.4
0.220
0.233
0.303
0.408
0.361
0.231
0.251
0.292
0.313
171.2
161.3
139.4
107.7
65.5
61.6
68.0
61.9
51.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com