Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7805F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # LM7805F
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7805F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  LM7805F Datasheet HTML 1Page - First Silicon Co., Ltd LM7805F Datasheet HTML 2Page - First Silicon Co., Ltd LM7805F Datasheet HTML 3Page - First Silicon Co., Ltd LM7805F Datasheet HTML 4Page - First Silicon Co., Ltd LM7805F Datasheet HTML 5Page - First Silicon Co., Ltd LM7805F Datasheet HTML 6Page - First Silicon Co., Ltd LM7805F Datasheet HTML 7Page - First Silicon Co., Ltd LM7805F Datasheet HTML 8Page - First Silicon Co., Ltd LM7805F Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2013. 3. 11
1/12
SEMICONDUCTOR
TECHNICAL DATA
LM7805P/F ~LM7824P/F
Revision No : 0
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
FEATURES
Suitable for C-MOS, TTL, the Other Digital IC's Power Supply.
Internal Thermal Overload Protection.
Internal Short Circuit Current Limiting.
Output Current in Excess of 1A.
Satisfies IEC-65 Specification. (International Electronical Commission).
BLOCK DIAGRAM
Series Pass
Element
Current
Generator
Thermal
Protection
Reference
Voltage
Error
Amplifier
Starting
Circuit
SOA
Protection
INPUT
OUTPUT
GND
1
3
2
MAXIMUM RATINGS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
LM7805 ~ LM7815
VIN
35
V
LM7818 ~ LM7824
40
Power Dissipation (Tc=25℃)
P D
20.8
W
Power Dissipation (Without Heatsink)
P
D
1.5
W
Operating Junction Temperature
Tj
-40 ~ 125
Storage Temperature
Tstg
-55 ~ 150
℃
℃
TO-220AB
DIM
MILLIMETERS
A
B
C
D
E
F
H
J
N
O
0.8 ± 0.1
2.7 ± 0.2
2.54 ± 0.2
13.5 ± 0.3
3.7 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
2.7 ± 0.2
15.30 MAX
1.3+0.1/-0.05
0.4 ± 0.2
A
F
B
J
E
O
C
H
N
N
D
P
P
1. INPUT
2. COMMON
3. OUTPUT
1
2
3
(TO-220AB)
(TO-220AB)
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1.52 MAX
1.52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10.16
0.20
+
_
15.00
0.20
+
_
3.00
0.20
+
_
0.625±0.125
3.50 typ
0.45
0.1
+
_
3.80
0.2
+
_
13.20
0.20
+
_
2.54
0.2
+
_
4.50
0.2
+
_
6.36
0.3
+
_
2.70
0.20
+
_
2.7 typ
16.80
0.4
+
_
1. INPUT
2. COMMON
3. OUTPUT


Similar Part No. - LM7805F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7805F-85-RG30 TAITRON-LM7805F-85-RG30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
LM7805F-85-TR30 TAITRON-LM7805F-85-TR30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM7805F3 CYSTEKEC-LM7805F3 Datasheet
351Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM7805F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com