Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7805F Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # LM7805F
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7805F Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button LM7805F Datasheet HTML 4Page - First Silicon Co., Ltd LM7805F Datasheet HTML 5Page - First Silicon Co., Ltd LM7805F Datasheet HTML 6Page - First Silicon Co., Ltd LM7805F Datasheet HTML 7Page - First Silicon Co., Ltd LM7805F Datasheet HTML 8Page - First Silicon Co., Ltd LM7805F Datasheet HTML 9Page - First Silicon Co., Ltd LM7805F Datasheet HTML 10Page - First Silicon Co., Ltd LM7805F Datasheet HTML 11Page - First Silicon Co., Ltd LM7805F Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
150
2
B
0
0
4
50
100
6
I
- T
RR - I
500
30
60
20
10
OUT
40
100
300
1000
40
30
20
10
0
0.6
IN
V
- I
1.8
1.2
0
SC
JUNCTION TEMPERATURE T ( C)
j
j
LM7805P/F
V =10V
I
=0
IN
OUT
OUT
IN
I
=5 0mA
V =10V
LM7805P/F
j
j
JUNCTION TEMPERATURE T ( C)
V
- T
6
100
50
4
0
0
OUT
2
150
OUTPUT CURRENT I
(mA)
OUT
80
50
V =10V (5P)
IN
=16V (10P)
=33V (24P)
f=120Hz
P/F
5
0
8
7
LM
P/F
0
1
8
7
LM
P/F
4
2
8
7
LM
IN
INPUT VOLTAGE V
(V)
LM7805P/F
2013. 03. 11
12/12
LM7805P/F ~ LM7824P/F
Revision No : 0
0
D
V - T
JUNCTION TEMPERATURE T ( C)
1
2
3
0
50
100
150
j
j
A
1
=
I
A
m
0
0
2
0
T
U
O
V =2% OF OUTPUT
VOLTAGE
O
AMBIENT TEMPERATURE Ta ( C)
P - Ta
D
120
80
40
0
12
8
4
0
160
200
16
20
24
THERMAL RESISTANCE
J-C
6 0
J-A
84
C/W
Tc=25 C
PD2
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com