Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7805F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # LM7805F
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

LM7805F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  LM7805F Datasheet HTML 1Page - First Silicon Co., Ltd LM7805F Datasheet HTML 2Page - First Silicon Co., Ltd LM7805F Datasheet HTML 3Page - First Silicon Co., Ltd LM7805F Datasheet HTML 4Page - First Silicon Co., Ltd LM7805F Datasheet HTML 5Page - First Silicon Co., Ltd LM7805F Datasheet HTML 6Page - First Silicon Co., Ltd LM7805F Datasheet HTML 7Page - First Silicon Co., Ltd LM7805F Datasheet HTML 8Page - First Silicon Co., Ltd LM7805F Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2013. 03. 11
2/12
LM7805P/F ~ LM7824P/F
Revision No : 0
LM7805P/F
ELECTRICAL CHARACTERISTICS (VIN =10V, IOUT =500mA, 0℃≤T ≤125
j
)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
T =25℃
j
, IOUT=100mA
4.8
5.0
5.2
V
Input Regulation
Reg line
1
T =25℃
j
7.0V≤V ≤25V
IN
-
3
100
mV
8.0V≤V ≤12V
IN
-
1
50
Load Regulation
Reg load
1
T =25℃
j
5mA≤I
≤
1.4A
OUT
-
9
100
mV
250mA≤I
≤
750mA
OUT
-
4
50
Quiescent Current
IB
1
T =25℃
j
, IOUT=5mA
-
4.2
8.0
mA
Quiescent Current Change
ΔI B
1
7.0V≤V ≤25V
IN
-
0.3
1.3
mA
Output Noise Voltage
VNO
1
Ta=25℃, 10Hz≤ f ≤100kHz
IOUT=50mA
-
50
-
μVrms
Ripple Rejection Ratio
RR
1
f=120Hz, 8.0V≤V ≤18V,
IN
IOUT=50mA, T =25℃
j
62
73
-
dB
Dropout Voltage
VD
1
IOUT=1.0A, T =25℃
j
-
2.0
-
V
Short Circuit Current Limit
ISC
1
T =25℃
j
-
230
-
mA
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA, 0℃≤T ≤125℃
j
-
-0.8
-
mV/℃
7.0V≤V ≤20V
IN
5.0mA≤I
≤
1.0A, Po≤15W
OUT
4.75
-
5.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com