Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2007 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMS2007
Description  DC-6GHz DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMS2007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Data Sheet 2.2
4
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2007
Typical Performance Curves:
On Wafer Measurements:
Insertion Loss
A1-TX Isolation
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-45
-40
-35
-30
-25
-20
Evaluation Board:
Insertion Loss
Return Loss
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-60
-50
-40
-30
-20
-10
0
Note: Evaluation Board Insertion Loss to be corrected
A1-TX, A2-RX Isolation
RX-TX Isolation
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-60
-50
-40
-30
-20
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-60
-50
-40
-30
-20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com