Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2007 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2007
Description  DC-6GHz DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Data Sheet 2.2
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2007
DC-6GHz DPDT Diversity Switch
Features:
♦ Low Insertion loss
♦ Low Harmonic Distortion
♦ High Transmit-Receive Isolation
♦ Suitable for WLAN 802.11a and 802.11b/g
Applications
♦ Filtronic Advanced GaAs pHEMT
Technology
Description and Applications:
The FMS2007 is a low loss linear Double-Pole Double-Throw dual band diversity switch designed for
use in WLAN applications. Typical applications are for UNII, Hiperlan, 802.11a and 802.11b/g
systems that employ two antennas for transmit and receive diversity.
Electrical Specifications: (T
AMBIENT = 25°C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
2.4GHz
0.9
1.1
dB
Insertion Loss
6GHz
1.3
1.5
dB
Return Loss
2.4GHz
16
dB
Return Loss
6GHz
12
dB
Tx-Rx Isolation
2.4GHz
27
39
dB
Tx-Rx Isolation
6GHz
27
28
dB
2nd Harmonic Level
2.4, 6 GHz, Pin = 20dBm, Vctrl = 2.4V
-70
dBc
3rd Harmonic Level
2.4, 6 GHz, Pin = 20dBm, Vctrl =2.4V
-70
dBc
Switching speed
Vctrl=2.4V, Pin=20dBm
10% to 90% RF and 90% to 10% RF
30
ns
Note: External DC blocking capacitors are required on all RF ports (typ: 47pF).
All unused ports terminated in 50
Ω.
Functional Schematic
V4
TX
V3
ANT1
ANT2
V1
RX
V2


Similar Part No. - FMS2007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007-001 FILTRONIC-FMS2007-001 Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007-001-EB FILTRONIC-FMS2007-001-EB Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
More results

Similar Description - FMS2007

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
DC-6GHz DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
logo
Hexawave, Inc
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
GaAs 0.5-6GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com