Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2007 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2007
Description  DC-6GHz DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2007 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet 2.2
5
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2007
Evaluation Board Data:
BOM
Evaluation Board Correction Data
Frequency
Insertion Loss
2.4GHz
0.25dB
6.0GHz
0.80dB
Label
Component
C1
Capacitor, 100pF, 0603
C2
Capacitor, 47pF, 0402
TX
RX
ANT1
ANT2
C2
C2
C2
C1
C1
C2
C2
C2
C1
C1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com