Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2016
Description  SP4T GaAs Multi-Band GSM Antenna Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2016 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Product Information 1.1
3
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2016
Simulated Performance:
0.5
1
1.5
2
2.5
3
Frequency(GHz)
Loss
-40
-30
-20
-10
0
1.8 GHz
-37 dB
0.9 GHz
-38 dB
1.8 GHz
-0.54 dB
0.9 GHz
-0.52 dB
0.5
1
1.5
2
2.5
3
Frequency(GHz)
Isolation
-40
-36
-32
-28
-25
1.8 GHz
-31 dB
0.9 GHz
-34 dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com