Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2016
Description  SP4T GaAs Multi-Band GSM Antenna Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2016 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Product Information 1.1
2
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2016
Truth Table:
V1
V2
V3
V4
PATH (ON)
High
Low
Low
Low
RF1-ANT
Low
High
Low
Low
RF2-ANT
Low
Low
High
Low
RF3-ANT
Low
Low
Low
High
RF4-ANT
Note: ‘High’ = +2.5V to +5V
‘Low’
= 0V to 0.2V
Pad and Die Layout:
Note: Co-ordinates
are
referenced
from the bottom
left hand corner of
the
die
to
the
centre of the bond
pad opening.
Pad
Pad Name
Description
Pin
Coordinates
A
RF1
RF input port 1
130, 766
B
V1
DC Control line 1
237, 815
C
ANT
Antenna
613, 783
D
V3
DC Control line 3
256, 84
E
RF3
RF input port 3
136, 128
F
RF2
RF input port 2
1124, 765
G
V2
DC Control line 2
1025, 816
H
V4
DC Control line 4
985, 81
I
RF4
RF input port 4
1080, 130
J
GND1
Ground 1
111, 508
K
GND2
Ground 2
1121, 504
L
GND3
Ground 3
111, 391
M
GND4
Ground 4
1121, 392
Die Size (
µm)
Die Thickness
(
µm)
Min. Bond Pad
Pitch(
µm)
Min. Bond pad
opening (
µm)
1230 x 900
100
96
70 x 70
A
C
B
F
E
D
J
I
H
G
M
L
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com