Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2016
Description  SP4T GaAs Multi-Band GSM Antenna Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2016 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Product Information 1.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filcs.com
FMS2016
SP4T GaAs Multi-Band GSM Antenna Switch
Features:
♦ Available in die form
♦ Suitable for multi-band
GSM/DCS/PCS/EDGE applications
♦ Excellent low control voltage performance
♦ Excellent harmonic performance under
GSM power levels
♦ Very high isolation >31dB typ. at 1.8GHz
♦ Very low insertion loss
♦ Very low control current
Functional Schematic
Description and Applications:
The FMS2016 is a low loss, high power and linear single pole four throw Gallium Arsenide antenna
switch designed for use in mobile handset applications. The die is fabricated using the Filtronic FL05
0.5
µm switch process technology which offers leading edge performance optimised for switch
applications. The FMS2016 is designed for use in dual, tri and quad – band GSM handset antenna
switch modules and RF front-end modules.
Electrical Specifications: (T
AMBIENT = 25°C,Vcontrol = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Tx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.5
0.55
dB
dB
Rx Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.5
0.55
dB
dB
Return Loss
0.5 – 2.5 GHZ
32
dB
Isolation
ANT – RF
0.5 – 1.0 GHz
1.0 – 2.0 GHz
34
31
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
<0.3
<1.0
µs
µs
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF).
All unused ports terminated in 50
Ω.
V1
ANT
V2
RF1
RF3
RF2
RF4
V3
V4


Similar Part No. - FMS2016

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
288Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001-EB FILTRONIC-FMS2016-001-EB Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001-EB FILTRONIC-FMS2016-001-EB Datasheet
288Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001-TB FILTRONIC-FMS2016-001-TB Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
More results

Similar Description - FMS2016

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
SP4T Antenna Switch for GSM Dual band
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
SP4T Antenna Switch for GSM Dual band
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
SP4T GSM/GPRS Dual-Band Antenna Switch Logic
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2018 FILTRONIC-FMS2018 Datasheet
330Kb / 5P
SP7T GaAs Multi-Band GSM - UMTS Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
SP4T Antenna Switch for GSM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com