Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016QFN Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2016QFN
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016QFN Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2016QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Data Sheet
2.1
3
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850-5790
Fax: +1 (408) 850-5766
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2016QFN-1
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN RETURN LOSS
-40
-35
-30
-25
-20
-15
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN INSERTION LOSS
-1.2
-1.1
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN RF3 to RF4 ISOLATION
-40
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN RF1 to RF3 and RF2 to RF4 ISOLATION
-40
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN RF1 to RF2 ISOLATION
-40
-35
-30
-25
-20
-15
-10
-5
0
Typical Measured Performance on Evaluation Board (De-Embedded):
(Measurement Conditions VCTRL = 2.5V (high) & 0V (low), TAMBIENT = 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com