Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016QFN Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2016QFN
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016QFN Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2016QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Data Sheet
2.1
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850-5790
Fax: +1 (408) 850-5766
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2016QFN-1
High Power Reflective GaAs SP4T Switch
Features:
♦ 3x3x0.9mm Packaged pHEMT Switch
♦ NiPdAu finish for Military and High
reliability applications
♦ Excellent low control voltage performance
♦ Excellent harmonic performance under
GSM/DCS/PCS/EDGE power levels
♦ Very high isolation: >29dB at 1.8GHz
♦ Very low Insertion loss: 0.65dB at 1.8GHz
♦ Very low control current
Functional Schematic
Description and Applications:
The FMS2016QFN is a low loss, high power and linear single pole four throw Gallium Arsenide
antenna switch designed for use in mobile handset applications. The die is fabricated using the
Filtronic FL05 0.5
µm switch process technology, which offers excellent performance optimised for
switch applications. The FMS2016QFN is designed for use in dual/tri and quad band GSM handset
antenna switch modules and RF front-end modules. It can also find use in other applications where
high power and linear RF switching is necessary.
Electrical Specifications: (T
AMBIENT = 25°C,Vctrl = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
<0.55
<0.65
dB
dB
Return Loss
0.5 – 2.5 GHz
20
dB
Isolation
RF1 – RF3 and RF2 – RF4
0.5 – 1.0 GHz
1.0 – 2.0 GHz
34
32
dB
dB
Isolation
RF1 – RF2
0.5 – 1.0 GHz
1.0 – 2.0 GHz
34
32
dB
dB
Isolation
RF3 – RF4
0.5 – 1.0 GHz
1.0 – 2.0 GHz
34
30
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +35 dBm, 100% Duty Cycle
-75
-75
dBc
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
<0.3
1.0
µs
µs
Control Current
+35dBm RF input @1GHz
<10
µA
Note: External DC blocking capacitors are required on all RF ports (typ: 100pF)
ANT
RF1
RF3
RF2
RF4


Similar Part No. - FMS2016QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
288Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001-EB FILTRONIC-FMS2016-001-EB Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001-EB FILTRONIC-FMS2016-001-EB Datasheet
288Kb / 6P
High Power Reflective GaAs SP4T Switch
More results

Similar Description - FMS2016QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
High Power Reflective GaAs SP4T Switch
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Filtronic Compound Semi...
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
290Kb / 6P
High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
High Power Reflective GaAs SP4T Switch
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
Reflective GaAs SP4T Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
GaAs SP4T High Power Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com