Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016QFN Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2016QFN
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016QFN Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2016QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet
2.1
5
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 988 1845
Fax: +1 (408) 970 9950
Email: sales@filcsi.com
Website: www.filtronic.com
FMS2016QFN-1
0.5
1
1.522.5
3
3.5
Frequency (GHz)
FMS2016QFN CALIBRATION BOARD INSERTION LOSS
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
FMS2016QFN CALIBRATION BOARD RETURN LOSS
-40
-35
-30
-25
-20
-15
Evaluation Board:
Evaluation Board De-Embedding Data (Measured):
BOM
Label
Component
C10, C11, C12,
C13
Capacitor, 470pF, 0603
C1,C2,
C3,C4,C5
Capacitor, 100pF, 0402
C6, C7, C8, C9
Capacitor, 47pF, 0402
BOARD
Preferred evaluation board material is 0.25 mm thick
ROGERS RT4350. All RF tracks should be 50 ohm
characteristic impedance.
C11 C12
C7
C10
C3
C4
C6
C5
C8
C2
C1
C9
C13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com