Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2023 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMS2023
Description  DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2023 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMS2023 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Preliminary Datasheet v2.2
FMS2023
PREFERRED ASSEMBLY INSTRUCTIONS:
GaAs devices are fragile and should be
handled with great care. Specially designed
collets should be used where possible.
The back of the die is metallised and the
recommended mounting method is by the use
of solder or conductive epoxy. If epoxy is
selected then it should be applied to the
attachment surface uniformly and sparingly to
avoid encroachment of epoxy on to the top
face of the die and ideally should not exceed
half the chip height. For automated dispense
Ablestick LMISR4 is recommended and for
manual dispense Ablestick 84-1 LMI or 84-1
LMIT are recommended.
These should be
cured at a temperature of 150
°C for 1 hour in
an oven especially set aside for epoxy curing
only.
If possible the curing oven should be
flushed with dry nitrogen.
This part has gold (Au) bond pads requiring
the use of gold (99.99% pure) bondwire. It is
recommended that 25.4
µm diameter gold wire
be
used.
Thermosonic
ball
bonding
is
preferred. A nominal stage temperature of
150
°C and a bonding force of 40g has been
shown to give effective results for 25
µm wire.
Ultrasonic energy shall be kept to a minimum.
For this bonding technique, stage temperature
should not be raised above 200°C and bond
force
should
not
be
raised
above
60g.
Thermosonic
wedge
bonding
and
thermocompression wedge bonding can also
be used to achieve good wire bonds.
Bonds should be made from the die first and
then to the mounting substrate or package.
The physical length of the bondwires should be
minimised especially when making RF or
ground connections.
HANDLING
PRECAUTIONS:
To avoid damage to the devices care should
be
exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions
should be observed at all stages of storage,
handling,
assembly,
and
testing.
These
devices should be treated as Class 1A (0-500
V) as defined in JEDEC Standard No. 22-
A114.
Further information on ESD control
measures can be found in MIL-STD-1686 and
MIL-HDBK-263.
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters
are
available;
please
contact
Filtronic Compound Semiconductors Ltd.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FMS2023-000
Die in Waffle-pack
(Gel-pak available on request)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com