Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2023 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2023
Description  DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2023 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2023 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
Preliminary Datasheet v2.2
FMS2023
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
TRUTH TABLE:
Note: -5V
± 0.2V; 0V ± 0.2V
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin
+38dBm
Operating Temp
Toper
-40°C to +100°C
Storage Temp
Tstor
-55°C to +150°C
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
RFIN
RFIN
141,587
RFO
RFOUT
1789,587
V1
V1
901,161
V2
V2
1101,161
CONTROL LINE
RF PATH
V1
V2
RFIN-RFO
-5V
0V
On (Low Loss)
0V
-5V
Off (Isolation)
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
1910 x 1110
100
150
116 x 116



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com