Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2023 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2023
Description  DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2023 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2023 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2023 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC–20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Preliminary Datasheet v2.2
FMS2023
FEATURES:
•
Available in die form
•
Non-reflective design
•
Low Insertion loss 1 dB at 20 GHz typical
•
Very high isolation 50 dB at 20 GHz typical
•
Excellent low control voltage performance
GENERAL DESCRIPTION:
The FMS2023 is a low loss high isolation
broadband single pole single throw Gallium
Arsenide switch designed for use in broadband
communications instrumentation and electronic
warfare applications.
The die is fabricated
using the Filtronic FL05 0.5
µm switch process
technology
that
offers
leading
edge
performance optimised for switch applications.
FUNCTIONAL SCHEMATIC:
RFin
RFout
V1
V2
RFin
RFout
V1
V2
RFin
RFout
V1
V2
TYPICAL APPLICATIONS:
•
Broadband communications
•
Instrumentation
•
Electronic warfare (ECM, ESM)
ELECTRICAL SPECIFICATIONS (based on on-wafer measurements):
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Insertion Loss
(DC-10) GHz, Small Signal
0.7
dB
Insertion Loss
(10-15) GHz, Small Signal
0.8
dB
Insertion Loss
(15-20) GHz, Small Signal
1
dB
Isolation
(DC-10) GHz, Small Signal
47
dB
Isolation
(10-15) GHz, Small Signal
47
dB
Isolation
(15-20) GHz, Small Signal
50
dB
Input Return Loss (on state)
(DC-20) GHz, Small Signal
20
dB
Output Return Loss (on state)
(DC-20) GHz, Small Signal
22
dB
Output Return Loss (off state)
(DC-20) GHz, Small Signal
12
ns
P1dB
-5V control
26
dBm
Note: TAMBIENT = 25°C, Vctrl = 0V/-5V


Similar Part No. - FMS2023

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2023 FILTRONIC-FMS2023 Datasheet
183Kb / 5P
DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
FMS2023-000-WP FILTRONIC-FMS2023-000-WP Datasheet
183Kb / 5P
DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
FMS2023 FILTRONIC-FMS2023_1 Datasheet
183Kb / 5P
DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
More results

Similar Description - FMS2023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
Filtronic Compound Semi...
FMS2022 FILTRONIC-FMS2022 Datasheet
149Kb / 4P
DC-4 GHz MMIC SP4T Absorptive Switch
FMS2029 FILTRONIC-FMS2029 Datasheet
136Kb / 4P
DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
FMS2027 FILTRONIC-FMS2027_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT ABSORPTIVE SWITCH
FMS2023 FILTRONIC-FMS2023_1 Datasheet
183Kb / 5P
DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
logo
M/A-COM Technology Solu...
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com