Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS2041R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # AUIPS2041R
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS2041R Datasheet(HTML) 3 Page - Infineon Technologies AG

  AUIPS2041R Datasheet HTML 1Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 2Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 3Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 4Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 5Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 6Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 7Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 8Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..50V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vds
Maximum drain to source voltage
-0.3
60
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
Max diode continuous current (limited by thermal dissipation) Rth=125°C/W
1.4
A
Pd
Maximum power dissipation (internally limited by thermal protection)
W
Rth=125C°/W
1
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient IPS2041L
100
°C/W
Rth2
Thermal resistance junction to ambient with 1” square footprint
50
Rth1
Thermal resistance junction to ambient IPS2041R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient IPS2041R D-
Pak 1” sqr. footprint
50
Rth3
Thermal resistance junction to case IPS2041R D-Pak
4
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V,Rth=100°C/W
1.4
A
Rin
Recommended resistor in series with IN pin to generate a diagnostic
0.5
5
k
Max L
Max recommended load inductance (including line inductance) (1)
10
mH
Max. t rise
Max. input rising time
1
µs
(1) Higher inductance is possible if maximum load current is limited - see figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com