Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS2041R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # AUIPS2041R
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS2041R Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIPS2041R Datasheet HTML 1Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 2Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 3Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 4Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 5Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 6Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 7Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 8Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
2
Qualification Information
†
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive qualification.
IR’s
Industrial and Consumer qualification level is granted by extension of the higher
Automotive level.
Moisture Sensitivity Level
DPAK-3L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
SOT223-3L
MSL2, 260°C
†††
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M4 (+/-450V)
(per AEC-Q100-003)
Human Body Model
Class H3A (+/4500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (+/-900V)
(per AEC-Q100-011)
IC Latch-Up Test
ClassII, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com