Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS2041R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # AUIPS2041R
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIPS2041R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button AUIPS2041R Datasheet HTML 4Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 5Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 6Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 7Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 8Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 9Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 10Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 11Page - Infineon Technologies AG AUIPS2041R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AUIPS2041(L)(R)
www.irf.com
8
Figure 9
– Max. continuous output current (A) Vs
Ambient temperature (°C)
Protection response time (s)
Figure 10
– Ids (A) Vs over temperature protection
response time (s)
Tamb, Ambient temperature (°C)
0.1
1
10
0.1
1
10
100
1000
Figure 11
– Max. ouput current (A)
Vs Inductive load (mH)
Inductive load (mH)
0.1
1
10
100
0.0001 0.001
0.01
0.1
1
10
100
Figure 12
– Transient thermal impedance (°C/W)
Vs time (s)
Time (s)
0
1
2
3
4
5
-50
0
50
100
150
SOT223 50°C/W
DPak 70°C/W
0
1
2
3
4
5
6
0.1
1
10
100
1000
Tamb=25°C
Tamb=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com