Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # 98ASH00962A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH00962A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button 98ASH00962A Datasheet HTML 33Page - NXP Semiconductors 98ASH00962A Datasheet HTML 34Page - NXP Semiconductors 98ASH00962A Datasheet HTML 35Page - NXP Semiconductors 98ASH00962A Datasheet HTML 36Page - NXP Semiconductors 98ASH00962A Datasheet HTML 37Page - NXP Semiconductors 98ASH00962A Datasheet HTML 38Page - NXP Semiconductors 98ASH00962A Datasheet HTML 39Page - NXP Semiconductors 98ASH00962A Datasheet HTML 40Page - NXP Semiconductors 98ASH00962A Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
PTB1/KBI0P5/TxD0/ADP5
2. True open drain pins
PTB0/KBI0P4/RxD0/ADP4
PTA7/FTM2FAULT2/ADP3
PTA6/FTM2FAULT1/ADP2
PTD3/KBI1P3/SS1
PTD2/KBI1P2/MISO1
PTA2/KBI0P2/RxD0/SDA2
PTD1/KBI1P1/FTM2CH3/MOSI11
PTD0/KBI1P0/FTM2CH2/SPSCK11
VDD
VDDA /VREFH
VSSA /V
REFL
VSS
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
1. High source/sink current pins
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
PTA3/KBI0P3/TxD0/SCL2
Figure 25. MC9S08PA60 32-pin LQFP package
10 Revision history
The following table provides a revision history for this document.
Table 21. Revision history
Rev. No.
Date
Substantial Changes
1
10/2012
Initial public release
2
09/2014
• Updated VOH and VOL in DC characteristics
• footnote on the S3IDD in Supply current characteristics
• Added EMC radiated emissions operating behaviors
• Updated the typical of fint_t to 31.25 kHz and updated footnote to
tAcquire in External oscillator (XOSC) and ICS characteristics
• Updated the assumption for all the timing values in SPI switching
specifications
Table continues on the next page...
Revision history
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com