Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 98ASH00962A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH00962A Datasheet(HTML) 5 Page - NXP Semiconductors

  98ASH00962A Datasheet HTML 1Page - NXP Semiconductors 98ASH00962A Datasheet HTML 2Page - NXP Semiconductors 98ASH00962A Datasheet HTML 3Page - NXP Semiconductors 98ASH00962A Datasheet HTML 4Page - NXP Semiconductors 98ASH00962A Datasheet HTML 5Page - NXP Semiconductors 98ASH00962A Datasheet HTML 6Page - NXP Semiconductors 98ASH00962A Datasheet HTML 7Page - NXP Semiconductors 98ASH00962A Datasheet HTML 8Page - NXP Semiconductors 98ASH00962A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
HCS08 CORE
POWER MANAGEMENT
16-CH 12-BIT
ANALOG-TO-DIGITAL
CONVERTER(
ADC)
CYCLIC REDUNDANCY
CHECK (
CRC)
(
RTC)
REAL-TIME COUNTER
(
ACMP)
ANALOG COMPARATOR
CIRCUIT(
IIC)
INTER-INTEGRATED
INTERFACE MODULE(
SPI1)
16-BIT SERIAL PERIPHERAL
INTERFACE MODULE(
SPI0)
8-BIT SERIAL PERIPHERAL
INTERFACE (
SCI2)
SERIAL COMMUNICATION
INTERFACE (
SCI1)
SERIAL COMMUNICATION
INTERFACE (
SCI0)
SERIAL COMMUNICATION
MODULE (
FTM2)
6-CH FTM TIMER
MODULE (
FTM1)
2-CH FLEX TIMER
MODULE (
FTM0)
2-CH FLEX TIMER
(
MTIM1)
8-BIT MODULO TIMER
8-BIT MODULO TIMER
(
MTIM0)
MODULE (
KBI1)
KBYBOARD INTERRUPT
MODULE (
KBI0)
KEYBOARD INTERRUPT
PTA1/KBI0P1/FTM0CH1/ACMP1/ADP1
PTA3/KBI0P3/TxD0/SCL
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK0/RESET
PTA6/FTM2FAULT1/ADP2
PTA7/FTM2FAULT2/ADP3
PTB0/KBI0P4/RxD0/ADP4
PTB1/KBI0P5/TxD0/ADP5
PTB2/KBI0P6/SPSCK0/ADP6
PTB3/KBI0P7/MOSI0/ADP7
PTB4/FTM2CH4/MISO0
PTB5/FTM2CH5/SS0
PTB6/SDA/XTAL
PTB7/SCL/EXTAL
PTC0/FTM2CH0/ADP8
PTC1/FTM2CH1/ADP9/
PTC2/FTM2CH2/ADP10
PTC4
/FTM1CH0/RTCO
PTC5/FTM1CH1
PTC3/FTM2CH3/ADP11
PTC6/RxD1
PTC7/TxD1
PTD0/KBI1P0/FTM2CH2/SPSCK1
PTD1/KBI1P1/FTM2CH3/MOSI1
PTD2/KBI1P2/MISO1
PTD3/KBI1P3/SS1
PTD4/KBI1P4
PTD5/KBI1P5
PTD6/KBI1P6/RxD2
PTD7/KBI1P7/TxD2
PTE1/MOSI0
PTE2/MISO0
PTE3/SS0
PTE4
PTE5
PTE6
PTE7/TCLK2
PTF0
PTF1
PTF2
PTF3
PTF4/ADP12
PTF5/ADP13
PTF6/ADP14
PTF7/ADP15
PTG0
PTG1
PTG2
PTG3
PTH0/FTM2CH0
PTH1/FTM2CH1
PTH2/BUSOUT
PTH6
PTH7
PTE0/SPSCK0/TCLK1
PTA2/KBI0P2/RxD0/SDA
PTA0/KBI0P0/FTM0CH0/ACMP0/ADP0
20 MHz INTERNAL CLOCK
SOURCE (
ICS)
EXTERNAL OSCILLATOR
SOURCE (
XOSC)
LVD
1 kHz OSC
WDOG
SS
VSS
VREFH
VREFL
VDDA
VSSA
IRQ
XTAL
EXTAL
V
V
V
DD
CPU
BDC
CONTROLLER(
IPC)
INTERRUPT PRIORITY
ON-CHIP ICE AND
DEBUG MODUE (
DBG)
USER EEPROM
USER RAM
CONTROLLER (
PMC)
VSS
DD
MC9S08PA60 = 4,096 bytes
MC9S08PA32 = 4,096 bytes
MC9S08PA60 = 256 bytes
USER FLASH
MC9S08PA32 = 32,768 bytes
MC9S08PA60 = 60,864 bytes
MODULE (
SIM)
SYSTEM INTEGRATION
MC9S08PA32 = 256 bytes
4
2
3
3
3
3
3
3
3
3
5
5
5
1. PTA2 and PTA3 operate as true open drain when working as output .
3. PTB4, PTB5, PTD0, PTD1, PTE0, PTE1, PTH0 and PTH1 can provide high sink/source current drive.
in 32-pin packages.
4. The frequency of the clock from BUSOUT must be equal or less than 10 MHz with 25 pF loading at PAD
.
2. PTA4/ACMPO/BKGD/MS is an output-only pin when used as port pin
.
5. The secondary power pair of V
and V
(pin 41 and pin 40 in 64-pin packages) and the third V (pin 13 in 64-pin packages) are not bonded
DD
SS
SS
1
1
Figure 1. MCU block diagram
MCU block diagram
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com