Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 98ASH00962A
Description  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH00962A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 98ASH00962A Datasheet HTML 6Page - NXP Semiconductors 98ASH00962A Datasheet HTML 7Page - NXP Semiconductors 98ASH00962A Datasheet HTML 8Page - NXP Semiconductors 98ASH00962A Datasheet HTML 9Page - NXP Semiconductors 98ASH00962A Datasheet HTML 10Page - NXP Semiconductors 98ASH00962A Datasheet HTML 11Page - NXP Semiconductors 98ASH00962A Datasheet HTML 12Page - NXP Semiconductors 98ASH00962A Datasheet HTML 13Page - NXP Semiconductors 98ASH00962A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
General
Nonswitching electrical specifications
6.1.1 DC characteristics
This section includes information about power supply requirements and I/O pin
characteristics.
Table 3. DC characteristics
Symbol
C
Descriptions
Min
Typical1
Max
Unit
—
—
Operating voltage
—
2.7
—
5.5
V
VOH
P
Output high
voltage
All I/O pins, standard-
drive strength
5 V, Iload =
-5 mA
VDD - 0.8
—
—
V
C
3 V, Iload =
-2.5 mA
VDD - 0.8
—
—
V
P
High current drive
pins, high-drive
strength2
5 V, Iload =
-20 mA
VDD - 0.8
—
—
V
C
3 V, Iload =
-10 mA
VDD - 0.8
—
—
V
IOHT
D
Output high
current
Max total IOH for all
ports
5 V
—
—
-100
mA
3 V
—
—
-50
VOL
P
Output low
voltage
All I/O pins, standard-
drive strength
5 V, Iload = 5
mA
—
—
0.8
V
C
3 V, Iload =
2.5 mA
—
—
0.8
V
P
High current drive
pins, high-drive
strength2
5 V, Iload
=20 mA
—
—
0.8
V
C
3 V, Iload =
10 mA
—
—
0.8
V
IOLT
D
Output low
current
Max total IOL for all
ports
5 V
—
—
100
mA
3 V
—
—
50
VIH
P
Input high
voltage
All digital inputs
VDD>4.5V
0.70 × VDD
—
—
V
C
VDD>2.7V
0.75 × VDD
—
—
VIL
P
Input low
voltage
All digital inputs
VDD>4.5V
—
—
0.30 × VDD
V
C
VDD>2.7V
—
—
0.35 × VDD
Vhys
C
Input
hysteresis
All digital inputs
—
0.06 × VDD
—
—
mV
|IIn|
P
Input leakage
current
All input only pins
(per pin)
VIN = VDD or
VSS
—
0.1
1
µA
Table continues on the next page...
6
6.1
General
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com