Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3543 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 17Page - Texas Instruments ADC3543 Datasheet HTML 18Page - Texas Instruments ADC3543 Datasheet HTML 19Page - Texas Instruments ADC3543 Datasheet HTML 20Page - Texas Instruments ADC3543 Datasheet HTML 21Page - Texas Instruments ADC3543 Datasheet HTML 22Page - Texas Instruments ADC3543 Datasheet HTML 23Page - Texas Instruments ADC3543 Datasheet HTML 24Page - Texas Instruments ADC3543 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
7.3.1.2.3 Analog Input Termination and DC Bias
Depending on the input drive circuitry, a termination network and/or DC biasing needs to be provided.
7.3.1.2.3.1 AC-Coupling
The ADC354x requires external DC bias using the common mode output voltage (VCM) of the ADC together
with the termination network as shown in Figure 7-6. The termination is located within the glitch filter network.
When using a balun on the input, the termination impedance has to be adjusted to account for the turns ratio of
the transformer. When using an amplifier, the termination impedance can be adjusted to optimize the amplifier
performance.
100 pF
33
10
0.1 …F
25
33
10
25
180nH
180nH
VCM
Glitch Filter
1 uF
1 uF
VCM
Termination
Figure 7-6. AC-Coupling: termination network provides DC bias (glitch filter example for DC - 30 MHz)
7.3.1.2.3.2 DC-Coupling
In DC coupled applications the DC bias needs to be provided from the fully differential amplifier (FDA) using
VCM output of the ADC as shown in Figure 7-7. The glitch filter in this case is located between the anti-alias filter
and the ADC. No termination may be needed if amplifier is located close to the ADC or if the termination is part
of the anti-alias filter.
100 pF
33
10
33
10
180nH
180nH
Glitch Filter
AAF (Anti
Alias Filter)
VCM
Figure 7-7. DC-Coupling: DC bias provided by FDA (glitch filter example for DC - 30 MHz)
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com