Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3543 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 4 Page - Texas Instruments

  ADC3543 Datasheet HTML 1Page - Texas Instruments ADC3543 Datasheet HTML 2Page - Texas Instruments ADC3543 Datasheet HTML 3Page - Texas Instruments ADC3543 Datasheet HTML 4Page - Texas Instruments ADC3543 Datasheet HTML 5Page - Texas Instruments ADC3543 Datasheet HTML 6Page - Texas Instruments ADC3543 Datasheet HTML 7Page - Texas Instruments ADC3543 Datasheet HTML 8Page - Texas Instruments ADC3543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
PIN
I/O
DESCRIPTION
NAME
NO.
SDIO
39
I
Serial interface data input and output. This pin has an internal 21 kΩ pull-down resistor.
SEN
17
I
Serial interface enable. Active low. This pin has an internal 21 kΩ pull-up resistor to AVDD.
DIGITAL INTERFACE
D0
38
O
CMOS output used with 16 bit output (configured via output bit formatter). This becomes
LSB. When not used can be left unconnected.
D1
37
O
CMOS output used with 16 bit output (configured via output bit formatter). This becomes
LSB-1. When not used can be left unconnected.
D2
36
O
CMOS output for data bit D0.
D3
35
I/O
CMOS output for data bit D1. Used as DCLKIN in serial CMOS output modes.
D4
34
O
CMOS output for data bit D2.
D5
33
O
CMOS output for data bit D3.
D6
32
O
CMOS output for data bit D4.
D7
30
O
CMOS output for data bit D5.
D8
29
O
CMOS output for data bit D6.
D9
28
O
CMOS output for data bit D7.
D10
27
O
CMOS output for data bit D8.
D11
24
O
CMOS output for data bit D9. Lane 0 in serial CMOS output mode.
D12
23
O
CMOS output for data bit D10. Lane 1 in serial CMOS output mode.
D13
22
O
CMOS output for data bit D11.
D14
21
O
CMOS output for data bit D12.
D15
20
O
CMOS output for data bit D13 (MSB).
DCLK
26
O
CMOS output for data bit clock
FCLK
19
O
Frame clock output in serial CMOS output mode.
POWER SUPPLY
AVDD
5,8,11,16
I
Analog 1.8-V power supply
GND
12,15
PowerPAD
I
Ground, 0 V
IOGND
25
I
Ground, 0 V for digital interface
IOVDD
31
I
1.8-V power supply for digital interface
ADC3541
SBAS840 – JULY 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com