Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3543 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 7Page - Texas Instruments ADC3543 Datasheet HTML 8Page - Texas Instruments ADC3543 Datasheet HTML 9Page - Texas Instruments ADC3543 Datasheet HTML 10Page - Texas Instruments ADC3543 Datasheet HTML 11Page - Texas Instruments ADC3543 Datasheet HTML 12Page - Texas Instruments ADC3543 Datasheet HTML 13Page - Texas Instruments ADC3543 Datasheet HTML 14Page - Texas Instruments ADC3543 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3543 : 65 MSPS
NSD
Noise Spectral Density
No input signal
-155.0
dBFS/Hz
SNR
Signal to noise ratio
fIN = 1.1 MHz
79.0
dBFS
fIN = 5 MHz
TBD
79.0
fIN = 10 MHz
78.4
fIN = 20 MHz
77.0
fIN = 40 MHz
76.0
fIN = 70 MHz
75.0
SINAD
Signal to noise and distortion ratio
fIN = 1.1 MHz
TBD
dBFS
fIN = 5 MHz
TBD
TBD
fIN = 10 MHz
TBD
fIN = 20 MHz
TBD
fIN = 40 MHz
TBD
fIN = 70 MHz
TBD
ENOB
Effective number of bits
fIN = 1.1 MHz
12.8
bit
fIN = 5 MHz
TBD
12.8
fIN = 10 MHz
12.7
fIN = 20 MHz
12.5
fIN = 40 MHz
12.3
fIN = 70 MHz
12.2
THD
Total Harmonic Distortion (First five
harmonics)
fIN = 1.1 MHz
TBD
dBc
fIN = 5 MHz
TBD
TBD
fIN = 10 MHz
TBD
fIN = 20 MHz
TBD
fIN = 40 MHz
TBD
fIN = 70 MHz
TBD
HD2, HD3
Second, Third Harmonic Distortion
fIN = 1.1 MHz
90
dBc
fIN = 5 MHz
TBD
90
fIN = 10 MHz
90
fIN = 20 MHz
88
fIN = 40 MHz
85
fIN = 70 MHz
TBD
Non HD2,3
Spur free dynamic range (excluding
HD2 and HD3)
fIN = 1.1 MHz
95
dBFS
fIN = 5 MHz
TBD
95
fIN = 10 MHz
95
fIN = 20 MHz
95
fIN = 40 MHz
95
fIN = 70 MHz
TBD
IMD3
Two tone inter-modulation distortion
f1 = 10 MHz, f2 = 12 MHz, AIN = -7
dBFS/tone
TBD
dBc
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com