Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3542 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3542
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3542 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC3542 Datasheet HTML 24Page - Texas Instruments ADC3542 Datasheet HTML 25Page - Texas Instruments ADC3542 Datasheet HTML 26Page - Texas Instruments ADC3542 Datasheet HTML 27Page - Texas Instruments ADC3542 Datasheet HTML 28Page - Texas Instruments ADC3542 Datasheet HTML 29Page - Texas Instruments ADC3542 Datasheet HTML 30Page - Texas Instruments ADC3542 Datasheet HTML 31Page - Texas Instruments ADC3542 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
7.3.4.2 Numerically Controlled Oscillator (NCO) and Digital Mixer
The decimation block is equipped with a 32-bit NCO and a digital mixer to fine tune the frequency placement
prior to the digital filtering. The oscillator generates a complex exponential sequence of:
ejωn (default) or e–jωn
(1)
where: frequency (ω) is specified as a signed number by the 32-bit register setting
The complex exponential sequence is multiplied with the real input from the ADC to mix the desired carrier to a
frequency equal to fIN + fNCO. The NCO frequency can be tuned from –FS/2 to +FS/2 and is processed as a
signed, 2s complement number. After programming a new NCO frequency, the MIXER RESTART register bit or
SYNC pin has to be toggled for the new frequency to get active. Additionally the ADC354x provides the option
via SPI to invert the mixer phase.
The NCO frequency setting is set by the 32-bit register value given and calculated as:
NCO = fNCO × 232 / FS
(2)
where:
• NCO = NCO register setting (decimal value)
• fNCO = Desired NCO frequency (MHz)
• FS = ADC sampling rate (MSPS)
The NCO programming is further illustrated with this example:
• ADC sampling rate FS = 65 MSPS
• Input signal fIN = 10 MHz
• Desired output frequency fOUT = 0 MHz
For this example there are actually four ways to program the NCO and achieve the desired output frequency as
shown in Table 7-2.
Table 7-2. NCO value calculations example
Alias or negative image
fNCO
Mixer Phase
Frequency translation for fOUT
fIN = –10 MHz
fNCO = 10 MHz
as is
fOUT = fIN + fNCO = –10 MHz +10 MHz = 0 MHz
fIN = 10 MHz
fNCO = –10 MHz
fOUT = fIN + fNCO = 10 MHz + (–10 MHz) = 0 MHz
fIN = 10 MHz
fNCO = 10 MHz
inverted
fOUT = fIN – fNCO = 10 MHz – 10 MHz = 0 MHz
fIN = –10 MHz
fNCO = –10 MHz
fOUT = fIN – fNCO = –10 MHz – (–10 MHz) = 0 MHz
ADC3541
SBAS840 – JULY 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com