Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3542 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3542
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3542 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC3542 Datasheet HTML 45Page - Texas Instruments ADC3542 Datasheet HTML 46Page - Texas Instruments ADC3542 Datasheet HTML 47Page - Texas Instruments ADC3542 Datasheet HTML 48Page - Texas Instruments ADC3542 Datasheet HTML 49Page - Texas Instruments ADC3542 Datasheet HTML 50Page - Texas Instruments ADC3542 Datasheet HTML 51Page - Texas Instruments ADC3542 Datasheet HTML 52Page - Texas Instruments ADC3542 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Figure 7-48. Register 0x0F
7
6
5
4
3
2
1
0
0
0
0
0
0
TEMPS CLK
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-23. Register 0x0F Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
R/W
0
Must write 0
2-0
TEMPS CLK
R/W
000
These bits set the conversion clock rate for the temperature
sensor. The configuration is dependent on the ADC sampling
clock as shown in Table 7-24.
Table 7-24. TEMPERATURE SENSOR CLOCK SETTING VS ADC SAMPLING RATE
ADC MIN SAMPLING RATE
ADC MAX SAMPLING RATE
D2
D1
D0
Not used
0
0
0
48 MSPS
65 MSPS
0
0
1
24 MSPS
65 MSPS
0
1
0
12 MSPS
40 MSPS
0
1
1
1
0
0
6 MSPS
20 MSPS
1
0
1
3 MSPS
10 MSPS
1
1
0
1.5 MSPS
5 MSPS
1
1
1
Figure 7-49. Register 0x10
7
6
5
4
3
2
1
0
0
0
0
0
0
TEMP CONV
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 7-25. Register 0x10 Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
R/W
0
Must write 0
2
TEMP CONV
R/W
0
This bit starts the internal temperature sensor measurement
conversion.
0: Temperature sensor measurement disabled
1: Temperature sensor measurement enabled
1-0
0
R/W
0
Must write 0
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com