Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3542 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3542
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3542 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC3542 Datasheet HTML 9Page - Texas Instruments ADC3542 Datasheet HTML 10Page - Texas Instruments ADC3542 Datasheet HTML 11Page - Texas Instruments ADC3542 Datasheet HTML 12Page - Texas Instruments ADC3542 Datasheet HTML 13Page - Texas Instruments ADC3542 Datasheet HTML 14Page - Texas Instruments ADC3542 Datasheet HTML 15Page - Texas Instruments ADC3542 Datasheet HTML 16Page - Texas Instruments ADC3542 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
OUTPUT RATE: 10 MSPS
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
SDR CMOS
TBD
6.3
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
DDR CMOS
TBD
6.3
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Serial CMOS: 2-wire
TBD
2.0
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Serial CMOS: 1-wire
TBD
2.0
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
OUTPUT RATE: 25 MSPS
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
SDR CMOS
TBD
6.2
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
DDR CMOS
TBD
6.2
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Serial CMOS: 2-wire
TBD
2.0
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
OUTPUT RATE: 65 MSPS
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
SDR CMOS
TBD
6.1
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
DDR CMOS
TBD
6.1
ns
tCD
DCLK rising edge to output data delay
TBD
0.2
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK) Serial clock frequency
10
12
MHz
tSU(SEN)
SEN to rising edge of SCLK
TBD
ns
tH(SEN)
SEN from rising edge of SCLK
TBD
ns
tSU(SDIO)
SDIO to rising edge of SCLK
TBD
ns
tH(SDIO)
SDIO from rising edge of SCLK
TBD
ns
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
t(OZD)
SDIO tri-state to driven
TBD
ns
t(ODZ)
SDIO data to tri-state
TBD
ns
t(OD)
SDIO valid from falling edge of SCLK
TBD
ns
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com