Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD4000AF Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD4000AF
Description  4W PACKAGED POWER PHEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AF Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD4000AF Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
FPD4000AF
4W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 08/09/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
BIASING GUIDELINES
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate. Contact your Sales Representative for
additional information.
Dual-bias circuits are relatively simple to implement, but will require a regulated negative
voltage supply for depletion-mode devices such as the FPD4000AF.
Self-biased circuits employ an RF-bypassed Source resistor to provide the negative Gate-Source
bias voltage, and such circuits provide some temperature stabilization for the device. A nominal
value for circuit development is 0.7
Ω for the recommended 720mA operating point. This
approach will require a DC Source resistor capable of at least 365mW dissipation.
The recommended 720mA bias point is nominally a Class AB mode. A small amount of RF gain
expansion prior to the onset of compression is normal for this operating point.
•
PACKAGE OUTLINE
(dimensions in millimeters – mm)
All information and specifications subject to change without notice.
PACKAGE MARKING CODE
Example:
f1ZD
P2F
f = Filtronic
1ZD = Lot and Date Code
P2F = Status, Part Code, Part Type
Status: D=Development P = Production
Part Code denotes model (e.g. FPD4000AF)
Part Type: F = FET (pHEMT)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com