Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD4000AF Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD4000AF
Description  4W PACKAGED POWER PHEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AF Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD4000AF Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY
FPD4000AF
4W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 08/09/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
Note: Graph above shows Input and Output power as single carrier or single-tone levels.
IM Products vs. Input Power
22.0
24.0
26.0
28.0
30.0
32.0
11.0
13.0
15.0
17.0
19.0
21.0
Input Power (dBm)
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
Pout
Im3, dBc
10.0
5.0
3.0
4.0
-0.2
-0
.4
FPD4000AF IP3 CONTOURS 2 GHz
Swp Max
189
Swp Min
1
IP3_dBm = 58 dBm
IP3_dBm = 56 dBm
IP3_dBm = 54 dBm
IP3_dBm = 52 dBm
IP3_dBm = 50 dBm
IP3_dBm = 48 dBm
IP3_dBm = 46 dBm
IP3_dBm = 44 dBm
IP3_dBm = 42 dBm
NOTE:
IP3 contours generated with PIN = 11dB
back-off from P1dB. Local maximum for
best linearity located at:
ΓS = 15 – j12 Ω and ΓL ≈ 15 – j15 Ω
(IP3 value labels on contours are fitted
values, and do not represent actual device
performance.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com