Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD4000AF Datasheet(PDF) 9 Page - Filtronic Compound Semiconductors

Part # FPD4000AF
Description  4W PACKAGED POWER PHEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AF Datasheet(HTML) 9 Page - Filtronic Compound Semiconductors

  FPD4000AF Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRELIMINARY
FPD4000AF
4W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 08/09/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
STANDARD EVALUATION BOARD (1.70-1.85 GHZ):
NOTE: AutoCAD
 drawing available on Website
Bill of Materials for Evaluation Board, FPD4000AF
EV-BL-000026-002-A
Designator
Part Number
Description
Quantity
C1
ATC600S0R9JW250
Capacitor, 0.9 pF, 0603, ATC 600, tol. +5%
1
C2
ATC600S3R0JW250
Capacitor, 3.0 pF, 0603, ATC 600, tol. +5%
1
C3
ATC600S1R8JW250
Capacitor, 1.8 pF, 0603, ATC 600, tol. +5%
1
C4
ATC600S1R0JW250
Capacitor, 1.0 pF, 0603, ATC 600, tol. +5%
1
C5
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C6
T491B105M035AS7015 Capacitor, 1
µF, SMD-B, Kemet, tol. +20%
1
C7
ATC600S1R5JW250
Capacitor, 1.5 pF, 0603, ATC 600, tol. +5%
1
C8
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C9
ATC600S330JW250
Capacitor, 33 pF, 0603, ATC 600, tol. +5%
1
C10
T491B105M035AS7015 Capacitor, 1
µF, SMD-B, Kemet, tol. +20%
1
R1
RCI-0603-10R1J
Resistor, 100
Ω, 0603, IMS, tol. +5%
1
Q1
FPD4000AF
Packaged Discrete pHEMT, Filtronic
1
PC-SP-000022-002
PCB, FPD4000AF Eval Board, 2 GHz
1
142-0711-841
Connector, RF, SMA End Launch, Jack Assy, Johnson
2
AMP-103185-2
Connector, DC, 0.100 on center, 0.025 sq. posts, Tyco
2
TF-SP-000025
Test Fixture Base, Flange Mount Package, 2 GHz
1
Screw, #2-56
20
Q1
C10
C9
C8
C7
C6
C5
C4
C3
R1
C2
C1
RF IN
Vd
Vg
4 W PA TB2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com