Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4427SPBF.. Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IR4427SPBF..
Description  DUAL LOW SIDE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR4427SPBF.. Datasheet(HTML) 4 Page - Infineon Technologies AG

  IR4427SPBF.. Datasheet HTML 1Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 2Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 3Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 4Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 5Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 6Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 7Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 8Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
IR4426/IR4427/IR4428(S) & (PbF)
ADVANCE INFORMATION
www.irf.com
Functional Block Diagram IR4426
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
Propagation delay characteristics
td1
Turn-on propagation delay
—
85
160
td2
Turn-off propagation delay
—
65
150
tr
Turn-on rise time
—
15
35
tf
Turn-off fall time
—
10
25
AC Electrical Characteristics
VBIAS (VS) = 15V, CL = 1000pF, TA = 25
oC unless otherwise specified.
ns
figure 4
PREDRV
DRV
PREDRV
DRV
GND
OUTB
OUTA
Vs
INB
INA
Vs
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com