Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4427SPBF.. Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IR4427SPBF..
Description  DUAL LOW SIDE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR4427SPBF.. Datasheet(HTML) 1 Page - Infineon Technologies AG

  IR4427SPBF.. Datasheet HTML 1Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 2Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 3Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 4Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 5Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 6Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 7Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 8Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet No. PD60177 Rev. F
Typical Connection
Packages
Product Summary
IO+/-
1.5A / 1.5A
VOUT
6V - 20V
ton/off (typ.)
85 & 65 ns
DUAL LOW SIDE DRIVER
Features
· Gate drive supply range from 6 to 20V
· CMOS Schmitt-triggered inputs
· Matched propagation delay for both channels
· Outputs out of phase with inputs (IR4426)
· Outputs in phase with inputs (IR4427)
· OutputA out of phase with inputA and
OutputB in phase with inputB (IR4428)
· Also available LEAD-FREE
Descriptions
The IR4426/IR4427/IR4428 (S) is a low voltage,
high speed power MOSFET and IGBT driver. Pro-
prietary latch immune CMOS technologies en-
able ruggedized monolithic construction. Logic
inputs are compatible with standard CMOS or
LSTTL outputs. The output drivers feature a high
pulse current buffer stage designed for mini-
mum driver cross-conduction. Propagation
delays between two channels are matched.
8
7
6
5
4
3
2
1
NC
OUTA
Vs
INA
GND
INB
OUTB
NC
IR442x
TO
LOAD
8 Lead PDIP
8 Lead SOIC
www.irf.com
1
IR4426/IR4427/IR4428(S)&(PbF)


Similar Part No. - IR4427SPBF..

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4427SPBF IRF-IR4427SPBF Datasheet
141Kb / 12P
DUAL LOW SIDE DRIVER
IR4427SPBF IRF-IR4427SPBF Datasheet
311Kb / 12P
DUAL LOW SIDE DRIVER
More results

Similar Description - IR4427SPBF..

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9308 STMICROELECTRONICS-L9308 Datasheet
95Kb / 7P
DUAL LOW SIDE DRIVER
Oct-1990
logo
International Rectifier
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
AUIRS4426S IRF-AUIRS4426S Datasheet
265Kb / 17P
DUAL LOW SIDE DRIVER
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
DUAL LOW SIDE DRIVER
IR25600SPBF IRF-IR25600SPBF Datasheet
625Kb / 10P
Dual Low Side Driver
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
IRS44262S IRF-IRS44262S_15 Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS4426 INFINEON-IRS4426 Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
IRS4427PBF INFINEON-IRS4427PBF Datasheet
279Kb / 14P
DUAL LOW SIDE DRIVER
July 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com