Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4427SPBF.. Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IR4427SPBF..
Description  DUAL LOW SIDE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR4427SPBF.. Datasheet(HTML) 2 Page - Infineon Technologies AG

  IR4427SPBF.. Datasheet HTML 1Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 2Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 3Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 4Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 5Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 6Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 7Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 8Page - Infineon Technologies AG IR4427SPBF.. Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
IR4426/IR4427/IR4428(S) & (PbF)
ADVANCE INFORMATION
www.irf.com
Symbol
Definition
Min.
Max.
Units
VS
Fixed supply voltage
-0.3
25
VO
Output voltage
-0.3
VS + 0.3
VIN
Logic input voltage
-0.3
VS + 0.3
PD
Package power dissipation @ TA ≤ +25°C
(8 Lead PDIP)
—
1.0
(8 lead SOIC)
—
0.625
RthJA
Thermal resistance, junction to ambient
(8 lead PDIP)
—
125
(8 lead SOIC)
—
200
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to GND. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
V
°C
Symbol
Definition
Min.
Max.
Units
VS
Fixed supply voltage
6
20
VO
Output voltage
0
VS
VIN
Logic input voltage
0
VS
TA
Ambient temperature
-40
125
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltages referenced to GND.
°C
V
W
°C/W
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “0” input voltage (OUTA=LO, OUTB=LO)
2.7
—
—
(IR4426)
Logic “1” input voltage (OUTA=HI, OUTB=HI)
(IR4427)
Logic “0” input voltage (OUTA=LO),
Logic “1”
input voltage (OUTB=HI) (IR4428)
DC Electrical Characteristics
VBIAS (VS) = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to GND and are
applicable to input leads: INA and INB. The VO and IO parameters are referenced to GND and are applicable to the
output leads: OUTA and OUTB.
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com