Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3404CD Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS3404CD
Description  PWM Buck Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3404CD Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3404CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS3404
3-5
2003/12 rev. A
Electrical Characteristics (Continued)
(VCC =6V, f = 200KHz, Ta =25
oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output section
Leakage current
ILEAK
VO = 25V
10
uA
Sink current
VIN = 20V
200
mA
Source current
IDRV
VIN= 20V
200
mA
Output saturation voltage
VSAT
IO = 10mA
1.0
1.5
V
Short circuit output current
ISC
VO = 6V
120
mA
PWM comparator
VTO
CT
0.6
0.7
Input threshold voltage at
f =10KHz (Comp)
VT100
Maximum duty cycle
1.2
1.3
V
Total device
Average supply current
ICCA
CT = 270pF
6
10
mA
Soft Start
Soft start voltage
VSS
2.3
V
Constant charge current
ISS
20
uA
Functional Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com