Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3404CD Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS3404CD
Description  PWM Buck Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3404CD Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS3404CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS3404
1-5
2003/12 rev. A
TS3404
PWM Buck Controller
Pin assignment:
1. Out
2. Vcc
3. Comp.
4. FB
5. SCP
6. SS
7. CT
8.
Gnd
Supply Voltage Range 3.6V to 27V
Output Driving Current 200mA
Oscillator Frequency up to 300KHz
General Description
The TS3404 integrates Pulse Width Modulation (PWM) control circuit into a single chip, and makes simple work out of
implementing a complete control and protection scheme for a DC-DC step-down converter. The TS3404 provides simple
feedback loop compensation, 1.25V reference output, error amplifier, adjustable oscillator, soft start, under voltage lock
out (UVLO), short circuit protection(SCP) circuitry, and push pull output circuit.
The TS3404 is design for adjustable switching frequency by trimming time capacitor (CT), during low supply voltage
situation, the under voltage lock out (UVLO) makes sure that the output are off until the internal circuit operates normally.
The TS3404 is offered in DIP-8 and SOP-8 package.
Features
PWM buck control circuit
Operating voltage can be up to 27V
Under voltage lock out (UVLO) protection
Soft start (SS) circuit
Short circuit Protection (SCP)
Variable oscillator frequency 300KHz (max)
1.25V voltage reference Output
Pin Descriptions
Name
Description
Output
PWM Output
Vcc
Supply Voltage
Comp.
Feedback Loop Compensation
FB
Voltage Feedback
SCP
Short Circuit Protection
SS
Soft Start
CT
Timing Capacitor
Gnd
Ground
Applications
LCD Monitor
xD-ROM, xDSL product
DC to DC converters in computers
Backlight inverter
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS3404CS
SOP-8
TS3404CD
-20 ~ +85
oC
DIP-8
Absolute Maximum Rating
Supply Voltage
VCC
28
V
Amplifier Input Voltage
VI
20
V
Collector Output Voltage
VO
Vcc~1.0V
V
Source Current
ISOURCE
200
mA
Sink Current
ISINK
200
mA
Operating Junction Temperature Range
TJ
-20 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC


Similar Part No. - TS3404CD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
More results

Similar Description - TS3404CD

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Anpec Electronics Corop...
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com