Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3404CD Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS3404CD
Description  PWM Buck Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3404CD Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3404CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3404CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS3404
4-5
2003/12 rev. A
Typical Application Circuit
Device
Value
Device
Value
C1
470uF
R1
9K, 1/4W
C2
10nF
R2
3K, 1/4W
C3
470uF
R3
10K, 1/4W
C4
50nF
L1
33uH, 3A
C5
270uF
D1
SK34A
C6
50nF
Q1
TSM2301CX
C7
220nF
Remark:
* Output = 1.25V * (R1/R2 +1) = 1.25V * (9K/3K + 1) = 5V @ 3A
* SK34A: Taiwan semiconductor, Schottky 3A/40V in SMA package
* TSM2301CX: Taiwan semiconductor, P-Channel MOSFET 4A/20V in SOT-23 package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com